Part Number Hot Search : 
4762A 10021971 DS1104SG BU4313G 1N6037 MMSZ52 BA8274 ANTXV1N
Product Description
Full Text Search
 

To Download CBZX55CXXLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Spec. No. : C326LC Issued Date : 2003.05.20 Revised Date : Page No. : 1/3
500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
CBZX55CXXLC
Descriptions
This is a complete series of 500mW zener diodes with limits and excellent operating characteristics that reflect the superior capabilities of silicon-oxide passivated junctions. All this in an axial-lead hermetically sealed glass package that offers protection in all common environmental conditions.
Features
*Zener voltage range : 2.4 V to 47 V *ESD rating of class 3 (>16kV) per Human Body Model *Double slug type construction *Metallurgical bonded construction
Mechanical Characteristics:
*Case: double slug type, hermetically sealed glass *Finish: all external surfaces are corrosion resistant and leads are readily solderable *Maximum lead temperature for soldering purposes: 230, 1/16 from the case for 10 seconds *Polarity: cathode indicated by the polarity band *Mounting position: any
Maximum Ratings
Characteristics Total Device Dissipation Thermal Resistance Junction to Ambient Storage Temperature Junction Temperature Symbol Ptot RJA Tstg Tj Max 500* 300* -65 to +175 175 Unit mW C/W C C
*Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
CBZX55CXXLC series
CYStek Product Specification
CYStech Electronics Corp.
Spec. No. : C326LC Issued Date : 2003.05.20 Revised Date : Page No. : 2/3
Electrical Characteristics (TL=30, unless otherwise noted, VF=1.0V Max @IF=100mA for all types.)
Nominal Zener Voltage Vz at IzT (V)(Note1) 2.28-2.56 2.5-2.9 2.8-3.2 3.1-3.5 3.4-3.8 3.7-4.1 4.0-4.6 4.4-5.0 4.8-5.4 5.2-6.0 5.8-6.6 6.4-7.2 7.0-7.9 7.7-8.7 8.5-9.6 9.4-10.6 10.4-11.6 11.4-12.7 12.4-14.1 13.8-15.6 15.3-17.1 16.8-19.1 18.8-21.2 20.8-23.3 22.8-25.6 25.1-28.9 28-32 31-35 34-38 37-41 40-46 44-50 Maximum Zener Typical Impedance(Note 2) Temperature ZZK at ZZT at Coefficient IZT IZK=1mA IZT(mA) (%/) () () 5 85 600 -0.070 -0.070 5 85 600 -0.070 5 85 600 5 85 600 -0.065 5 85 600 -0.060 5 85 600 -0.050 5 75 600 -0.025 5 60 600 -0.010 5 35 550 +0.015 5 25 450 +0.025 5 10 200 +0.035 5 8 150 +0.045 5 7 50 +0.050 5 7 50 +0.050 5 10 50 +0.060 5 15 70 +0.070 5 20 70 +0.070 5 20 90 +0.070 5 +0.070 26 110 5 +0.070 30 110 5 +0.070 40 170 5 +0.070 50 170 5 55 220 +0.070 5 55 220 +0.070 5 80 220 +0.080 5 +0.080 80 220 5 +0.080 80 220 5 +0.080 80 220 5 +0.080 80 220 +0.080 2.5 90 500 2.5 +0.080 90 600 2.5 +0.080 110 700 Test Current Maximum Reverse Leakage Current Test IR Voltage (A) (V) 50 1.0 10 1.0 4 1.0 1.0 2 1.0 2 1.0 2 1.0 1 1.0 0.5 1.0 0.1 1.0 0.1 0.1 2.0 0.1 3.0 0.1 5.0 0.1 6.0 0.1 7.0 0.1 7.5 0.1 8.5 0.1 9.0 0.1 10 0.1 11 0.1 12 0.1 14 0.1 15 0.1 17 0.1 18 0.1 20 0.1 22 0.1 24 0.1 27 0.1 30 0.1 33 0.1 36 Maximum Regulation Current IZM(mA)
(Note 3)
Device
CBZX55C2V4 CBZX55C2V7 CBZX55C3V0 CBZX55C3V3 CBZX55C3V6 CBZX55C3V9 CBZX55C4V3 CBZX55C4V7 CBZX55C5V1 CBZX55C5V6 CBZX55C6V2 CBZX55C6V8 CBZX55C7V5 CBZX55C8V2 CBZX55C9V1 CBZX55C10 CBZX55C11 CBZX55C12 CBZX55C13 CBZX55C15 CBZX55C16 CBZX55C18 CBZX55C20 CBZX55C22 CBZX55C24 CBZX55C27 CBZX55C30 CBZX55C33 CBZX55C36 CBZX55C39 CBZX55C43 CBZX55C47
150 135 125 115 105 95 90 85 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5
Note: 1.The type numbers listed have zener voltage min/max as shown. Device tolerance of 2% are indicated by a "B" instead of a "C". Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature of 301 and 3/8 lead length. 2.ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) =0.1IZ(dc) with the ac frequency = 1k Hz. 3.This data was calculated using nominal voltages. The maximum current handling capability on a worse case basis is limited by the actual zener voltage at the operating point and the powered derating curve.
CBZX55CXXLC series
CYStek Product Specification
CYStech Electronics Corp.
DO-35(Glass) Dimension
Spec. No. : C326LC Issued Date : 2003.05.20 Revised Date : Page No. : 3/3
E
A
A
B
C
D
B
C
D
DO-35 glass package, CYStek package code: LC
*:Typical
DIM A B C
Inches Min. Max. 0.0181 0.0220 0.9646 1.2811 0.1200 0.1700
Millimeters Min. Max. 0.46 0.56 24.50 32.54 3.05 4.20
DIM D E
Inches Min. Max. 0.9646 1.2811 0.0602 0.0787
Millimeters Min. Max. 24.50 32.54 1.53 2.00
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
CBZX55CXXLC series
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of CBZX55CXXLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X